Part Number Hot Search : 
L5931 CBCX68 TB0195A 00222 1N627 1N3331R SP8808A M51946A
Product Description
Full Text Search
 

To Download 2SD5702 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD5702
DESCRIPTION *With TO-3P(H)IS package *Built-in damper diode *High voltage ,high speed APPLICATIONS *For color display horizontal deflection output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 6 16 60 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Diode forward voltage Fall time CONDITIONS IC=4A ;IB=0.8A IC=4A; IB=0.8A VCB=800V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=3A ; VCE=5V IC=1A ; VCE=10V IF=6A IC=4A ;IB1=0.8A;IB2=-1.6A VCC=200V; RL=50@ 40 10 5 MIN
2SD5702
SYMBOL VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT VF tf
TYP. 2.0
MAX 5.0 1.5 10 200 30 15
UNIT V V A mA
3 2.0 0.4
MHz V s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD5702
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD5702

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X